Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1117V Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce LD1117V
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117V Fiches technique(HTML) 4 Page - STMicroelectronics

  LD1117V Datasheet HTML 1Page - STMicroelectronics LD1117V Datasheet HTML 2Page - STMicroelectronics LD1117V Datasheet HTML 3Page - STMicroelectronics LD1117V Datasheet HTML 4Page - STMicroelectronics LD1117V Datasheet HTML 5Page - STMicroelectronics LD1117V Datasheet HTML 6Page - STMicroelectronics LD1117V Datasheet HTML 7Page - STMicroelectronics LD1117V Datasheet HTML 8Page - STMicroelectronics LD1117V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Maximum ratings
LD1117 series
4/38
2
Maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage
15
V
PTOT
Power Dissipation
12
W
TSTG
Storage Temperature Range
-40 to +150
°C
TOP
Operating Junction Temperature Range
for C Version
-40 to +150
°C
for standard Version
0 to +150
°C
Table 2.
Thermal Data
Symbol
Parameter
SOT-223
SO-8
DPAK
TO-220
Unit
RthJC
Thermal Resistance Junction-case
15
20
8
3
°C/W
RthJA
Thermal Resistance Junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38