Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1117V Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LD1117V
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117V Fiches technique(HTML) 3 Page - STMicroelectronics

  LD1117V Datasheet HTML 1Page - STMicroelectronics LD1117V Datasheet HTML 2Page - STMicroelectronics LD1117V Datasheet HTML 3Page - STMicroelectronics LD1117V Datasheet HTML 4Page - STMicroelectronics LD1117V Datasheet HTML 5Page - STMicroelectronics LD1117V Datasheet HTML 6Page - STMicroelectronics LD1117V Datasheet HTML 7Page - STMicroelectronics LD1117V Datasheet HTML 8Page - STMicroelectronics LD1117V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LD1117 series
Pin configuration
3/38
1
Pin configuration
Note:
The TAB is connected to the VOUT.
Figure 1.
Pin connections (top view)
SO-8
TO-220
SOT-223
DPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38