| Moteur de recherche de fiches techniques de composants électroniques |
|
GL813 Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL813 Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 24 page ![]() GL813 - USB2.0 CompactFlash Card Reader Controller ©2001-2002 Genesys Logic Inc.—All rights reserved. Page 18 of 24 5.2.2 Receive Timing for Data Packet (with CRC-16) Note that the USB 2.0 transceiver does not decode Packet ID’s (PIDs). They are passed to the SIE for decoding. This timing example is in HS mode. When a HS/FS UTM is in FS mode there are approximately 40 clock cycles every byte time. The Receive State Machine assumes that the SIE captures the data on the data bus if RXACTV and RXVLD are asserted. In FS mode, RXVLD will only be asserted for one clock per byte time. Note that the receive and transmit sections of the transceiver operate independently. The receiver will receive any packets on the USB. The transceiver does not identify whether the packet that it is receiving from the upstream or the downstream port. The SIE must ignore receive data while it is transmitting. Data Data Data Data CRC CRC PID SYNC PID Data Data Data Data CRC CRC EOP CLKOUT RXACTV Data RXVLD RXERR DP/DM |