| Moteur de recherche de fiches techniques de composants électroniques |
|
GL813 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL813 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 24 page ![]() GL813 - USB2.0 CompactFlash Card Reader Controller ©2001-2002 Genesys Logic Inc.—All rights reserved. Page 14 of 24 Pin # Name I/O Pad Type Description 83 GPIO10/GPIO10/EROM A3 B Pull-low GPIO10: For embedded or external CPU mode EROMA3: Address3 when external ROM mode 84 GPIO9/GPIO9/EROMA2 B Pull-low GPIO9: For embedded or external CPU mode EROMA2: Address2 when external ROM mode 85 DMARQ I Pull-low IDE request 86~89 IDEDD [0:3] B Tri-state IDE data bus 0~3 90 DGND2 P Power Digital ground 91 DVCC2 P Power Digital VCC 92~95 IDEDD [4:7] B Tri-state IDE data bus 4~7 96 GPIO1 B Pull-high GPIO1 97 GPIO2 B Pull-high GPIO2 98 GPIO3 B Pull-high GPIO3 99 GPIO4 B Pull-low GPIO4 100 GPIO7 B Pull-low GPIO 7 (*) (*) When operating in default mode: GPIO7 is the IDE reset input, GPIO8 is used to control the power input of IDE device. |