| Moteur de recherche de fiches techniques de composants électroniques |
|
EPC660 Fiches technique(PDF) 16 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC660 Fiches technique(HTML) 16 Page - Espros Photonics corp |
|
16 / 16 page ![]() 3.2. Pin1 marking The following pictures shows the epc660 chip from the bottom side with view to the solder balls. Please note the location of pin 1. epc660 chip from the solder ball side Top right corner from the solder ball side Figure 9: Pin 1 marking 3.3. Location of the photosensitive area The photosensitive area is not marked neither on the front nor on the backside of the IC. As a visible reference, a metal ring of the IC can be used. From the solder ball side it is visible. Also from the front side (photosensitive area) it can be seen with a camera which is sensitive in the near infrared wavelength domain (950 .. 1'150nm). © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 16 / 116 Datasheet_epc660-V1.09 www.espros.com Pin 1 Pin 1 |