| Moteur de recherche de fiches techniques de composants électroniques |
|
EPC660 Fiches technique(PDF) 14 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC660 Fiches technique(HTML) 14 Page - Espros Photonics corp |
|
14 / 16 page ![]() 2.3. Power domain separation and ESD protection The epc660 chip has internally 10 different power domains and 6 ground references which are interconnected with ESD protection diodes. All pins are also equipped with ESD protection diodes. The diodes have a breakthrough voltage of 0.3V. The designer has to take care that none of these diodes become conductive either at power-up, power-down or normal operation. epc660 XSYNC_SAT_CFG DATA[11:0] TDO TDI TCK TMS SHUTTER VSYNC_A0 HSYNC_A1 DCLK MODCLK SCL SDA LED2 LED VFSAB PIN31 PIN32 PIN33 PIN34 PIN36 VSSLED VSSIO VSSPX PIN52 PIN53 VSSPLL XTALIN_CLKIN XTALOUT VSS VSSA RESET LEDFB Figure 7: I/O pins and ESD protection diagram © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 14 / 116 Datasheet_epc660-V1.09 www.espros.com |