| Moteur de recherche de fiches techniques de composants électroniques |
|
STCD22X0 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCD22X0 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 39 page ![]() STCD22x0, STCD23x0, STCD24x0 Device overview Doc ID 15400 Rev 2 9/39 Figure 6. Connections diagram Flip Chip 12-bump (STCD23x0, 3-channel) Note: EN1~EN3 can be active high or active low. STMicroelectronics offers several polarity options, refer to Section 3.2: Enable polarity for detailed information. Figure 7. Connections diagram Flip Chip 16-bump (STCD24x0, 4-channel) Note: OPT1 is used to configure EN1 and EN2 polarity. Connect OPT1 to VCC to configure EN1 and EN2 active high or connect OPT1 to GND to configure EN1 and EN2 active low. In the same way OPT2 is used to configure EN3 and EN4. STMicroelectronics offers different control options, refer to Section 3.2: Enable polarity for detailed information. Top view Bottom view CLK1 EN1 EN2 CLK2 BYP GND VCC MCREQ VTCXO MCLK EN3 CLK3 GND BYP MCREQ CLK3 CLK2 VCC VTCXO MCLK EN3 EN2 EN1 CLK1 C B A 3 2 1 3 2 1 DB C DA ai14018 4 3 2 AB C D CLK2 EN2 EN3 CLK3 CLK1 EN1 BYP OPT1 CLK4 1 VCC VTCXO MCLK OPT2 4 3 2 DC B A CLK3 EN3 EN2 CLK2 BYP GND CLK1 1 VCC VTCXO MCLK Bottom view Top view EN4 MCREQ OPT2 OPT1 GND MCREQ EN1 EN4 CLK4 ai14019 |