| Moteur de recherche de fiches techniques de composants électroniques |
|
SMP75 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMP75 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() Characteristics SMP75 2/9 Doc ID 5015 Rev 5 1 Characteristics Table 1. In compliance with the following standards Standard Peak surge voltage (V) Waveform voltage Required peak current (A) Current waveform Minimum serial resistor to meet standard ( Ω) GR-1089 Core First level 2500 1000 2/10 µs 10/1000 µs 500 100 2/10 µs 10/1000 µs 5 3.3 GR-1089 Core Second level 5000 2/10 µs 500 2/10 µs 10 GR-1089 Core Intra-building 1500 2/10 µs 100 2/10 µs 0 ITU-T-K20/K21 6000 1500 10/700 µs 150 37.5 5/310 µs 10 0 ITU-T-K20 (IEC61000-4-2) 8000 15000 1/60 ns ESD contact discharge ESD air discharge 0 0 VDE0433 4000 2000 10/700 µs 100 50 5/310 µs 0 0 VDE0878 4000 2000 1.2/50 µs 100 50 1/20 µs 0 0 IEC61000-4-5 4000 4000 10/700 µs 1.2/50 µs 100 100 5/310 µs 8/20 µs 0 0 FCC Part 68, lightning surge type A 1500 800 10/160 µs 10/560 µs 200 100 10/160 µs 10/560 µs 2.5 0 FCC Part 68, lightning surge type B 1000 9/720 µs 25 5/320 µs 0 |