| Moteur de recherche de fiches techniques de composants électroniques |
|
SMP75 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMP75 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 9 page ![]() SMP75 Package information Doc ID 5015 Rev 5 7/9 3 Package information ● Epoxy meets UL94, V0 ● Lead-free package In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 11. Footprint (dimensions in mm) Table 6. SMB Dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A1 1.90 2.45 0.075 0.096 A2 0.05 0.20 0.002 0.008 b 1.95 2.20 0.077 0.087 c 0.15 0.40 0.006 0.016 D 3.30 3.95 0.130 0.156 E 5.10 5.60 0.201 0.220 E1 4.05 4.60 0.159 0.181 L 0.75 1.50 0.030 0.059 E C L E1 D A1 A2 b 2.60 5.84 1.62 2.18 1.62 (0.064) (0.102) (0.23) (0.064) (0.086) |