| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4471 Fiches technique(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4471 Fiches technique(HTML) 25 Page - Infineon Technologies AG |
|
25 / 26 page ![]() Data Sheet Rev. 1.1 25 2001-09-06 TLE 4471 Package Outlines -0.3 1.2 2.8 1) Does not include plastic or metal protrusion of 0.15 max. per side 20x 0.25 M 1) Heatsink 0.95 14.2 Index Marking 15.9 10 1 0.1 +0.13 0.4 1.27 6.3 11 20 11 ±0.15 ±0.15 1 x 45˚ ±0.3 ±0.15 15.74 ±0.1 A A 1) B 0.25 M B GPS05791 P-DSO-20-12 (Plastic Dual Small Outline Package) Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book “Package Information” Dimensions in mm SMD = Surface Mounted Device |