| Moteur de recherche de fiches techniques de composants électroniques |
|
L9658 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9658 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 64 page ![]() L9658 Functional description Doc ID 14219 Rev 3 39/64 6. Set the AOUT/Comparators multiplexer to channel 6. The MISO read will be the results of the channel 0 to channel 5 test. 7. Set the AOUT/Comparators multiplexer to channel 7. The MISO read will be the results of the channel 0 to channel 6 test. 8. MOSI message will configure the device to test for a short between channel 1 and the remaining channels. Previously verified is the integrity of channel 0 to 1. Set the IBIAS/ISRC multiplexer to channel 2; set the AOUT/Comparators multiplexer to channel 3. The MISO read will be the results of the channel 0 to channel 7 test. Clearing the MOSI Diagnostic Mode Message D7 places the AOUT pin in high impedance. This feature allows the connection of multiple AOUT pins to a single A/D input. Only one AOUT pin should enabled at any given time. 4.11.6 Deployment driver monitor mode Monitor Mode message is defined as shown in the following table. D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 0 1 0 0 1 0 011 00 000 MOSI 1 0 0 0 0 0 1 0 % 10 10 000 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 1 1 0 0 1 0 011 10 000 MOSI 1 0 0 0 0 0 1 0 % 11 00 000 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MISO 1 0 1 1 0 0 1 0 001 00 001 MOSI 1 0 0 0 0 0 1 0 % 11 10 000 Table 21. MOSI monitor mode message definition Bit State Description D15 1 Mode Bits D14 1 D13 - Odd Parity D12 - Don’t Care D11 - Don’t Care D10 - Don’t Care D9 - Don’t Care D8 0 Report Deploy Success Flag (default) 1 Report Deployment OR Deploy Success Flag D7 0 Keep Deploy Success Flag Channel 7 (default) 1 Clear Deploy Success Flag Channel 7 |