Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9658 Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics L9658 Datasheet HTML 59Page - STMicroelectronics L9658 Datasheet HTML 60Page - STMicroelectronics L9658 Datasheet HTML 61Page - STMicroelectronics L9658 Datasheet HTML 62Page - STMicroelectronics L9658 Datasheet HTML 63Page - STMicroelectronics L9658 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
61/64
When either CH3 or CH4 is configured to interface with hall-effect sensor, MISO data
reported VIA SPI for that specific channel will be as outlined in proper table. Global faults
are not reported for channels configured in Hall effect sensor mode since they are only
reported for CH1 while Hall effect sensor configuration is only possible for CH3 and CH4.
Upon power on or after a reset or POR conditions the MISO data will be initialized as
follows; CH1 returns MCR configuration in report mode with parity bit is set accordingly.
CH2, CH3, and CH4 return $E000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64