Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMS2L-PUR Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Fiches technique(HTML) 4 Page - STMicroelectronics

  STPMS2L-PUR Datasheet HTML 1Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 2Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 3Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 4Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
List of figures
STPMS2
4/36
DocID16525 Rev 5
List of figures
Figure 1: STPMS2 internal block diagram ..................................................................................................6
Figure 2: Pin connections ...........................................................................................................................7
Figure 3: Timing diagram ..........................................................................................................................12
Figure 4: Detailed application schematic ..................................................................................................13
Figure 5: Simplified application schematics for the STPMC1 energy metering-based ............................14
Figure 6: Connection schematics for DSP-based applications ................................................................15
Figure 7: VREF/VREF at 25 deg vs. temp................................................................................................17
Figure 8: SNHR of I channel, gain 16x .....................................................................................................17
Figure 9: SNHR of I channel, gain 2x .......................................................................................................17
Figure 10: SNHR of V channel, gain 2x....................................................................................................17
Figure 11: SINAD of I channel, gain 16x (temp. variation) .......................................................................17
Figure 12: SINAD of I channel, gain 2x (temp. variation) .........................................................................17
Figure 13: Relative gain error of I channel, gain 16x ................................................................................18
Figure 14: Relative gain error of I channel, gain 2x ..................................................................................18
Figure 15: Accuracy over dynamic range .................................................................................................18
Figure 16: Power supply external connection scheme .............................................................................20
Figure 17: Block diagram of the modulator...............................................................................................21
Figure 18: Example of sigma-delta modulator output in case of sinusoidal waveform ............................22
Figure 19: Block diagram and definition of DFE digital signals ................................................................23
Figure 20: Timings to switch to soft mode after POR ...............................................................................30
Figure 21: Timings to switch to soft mode ................................................................................................31
Figure 22: QFN16 (4x4 mm) package outline ..........................................................................................33
Figure 23: QFN16 (4x4 mm) recommended footprint...............................................................................34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36