Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMS2L-PUR Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 28Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 29Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 30Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 31Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 32Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 33Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 34Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 35Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Package information
STPMS2
34/36
DocID16525 Rev 5
Table 21: QFN16 (4x4 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.25
0.30
0.35
D
3.90
4.00
4.10
D2
2.50
2.80
E
3.90
4.00
4.10
E
3.90
4.00
4.10
E2
2.50
2.80
e
0.65
L
0.30
0.40
0.50
Figure 23: QFN16 (4x4 mm) recommended footprint
7571203_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36