Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD03BTPUR Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 14Page - STMicroelectronics STOD03BTPUR Datasheet HTML 15Page - STMicroelectronics STOD03BTPUR Datasheet HTML 16Page - STMicroelectronics STOD03BTPUR Datasheet HTML 17Page - STMicroelectronics STOD03BTPUR Datasheet HTML 18Page - STMicroelectronics STOD03BTPUR Datasheet HTML 19Page - STMicroelectronics STOD03BTPUR Datasheet HTML 20Page - STMicroelectronics STOD03BTPUR Datasheet HTML 21Page - STMicroelectronics STOD03BTPUR Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
STOD03B
Package mechanical data
Doc ID 022613 Rev 1
19/22
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (3x3) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22