Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD03BTPUR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 7Page - STMicroelectronics STOD03BTPUR Datasheet HTML 8Page - STMicroelectronics STOD03BTPUR Datasheet HTML 9Page - STMicroelectronics STOD03BTPUR Datasheet HTML 10Page - STMicroelectronics STOD03BTPUR Datasheet HTML 11Page - STMicroelectronics STOD03BTPUR Datasheet HTML 12Page - STMicroelectronics STOD03BTPUR Datasheet HTML 13Page - STMicroelectronics STOD03BTPUR Datasheet HTML 14Page - STMicroelectronics STOD03BTPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
STOD03B
Detailed description
Doc ID 022613 Rev 1
11/22
6.2
Negative output voltage levels
6.3
Enable and SWIRE
Table 7.
Default output voltage
Pulse
VO2
Pulse
VO2
Pulse
VO2
1
-5.411
-4.421-3.4
2
-5.312
-4.322-3.3
3
-5.213
-4.223-3.2
4
-5.114
-4.124-3.1
5
-5.015
-4.025-3.0
6 (1)
-4.9
16
-3.9
26
-2.9
7
-4.817
-3.827-2.8
8
-4.718
-3.728-2.7
9
-4.619
-3.629-2.6
10
-4.5
20
-3.5
30
-2.5
31
-2.4
1.
Default value.
Table 8.
EN and SWIRE operation table
(1)
Enable
SWIRE
Action
Low
Low
Device off
Low
High
Negative output voltage set by SWIRE
High
Low
Default negative output voltage
High
High
Default negative output voltage
1.
The Enable pin must be set to AGND while using the SWIRE function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22