Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812ABJR Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 45Page - STMicroelectronics STMPE812ABJR Datasheet HTML 46Page - STMicroelectronics STMPE812ABJR Datasheet HTML 47Page - STMicroelectronics STMPE812ABJR Datasheet HTML 48Page - STMicroelectronics STMPE812ABJR Datasheet HTML 49Page - STMicroelectronics STMPE812ABJR Datasheet HTML 50Page - STMicroelectronics STMPE812ABJR Datasheet HTML 51Page - STMicroelectronics STMPE812ABJR Datasheet HTML 52Page - STMicroelectronics STMPE812ABJR Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
STMPE812A
Package mechanical section
Doc ID 18225 Rev 4
49/53
Table 24.
Tape specifications
Figure 12.
Tape orientation
1.
Pin A1 is at top left corner based on above tape orientation.
Symbol
Millimeters
Min
Typ
Max
Ao
1.78
1.83
1.88
Bo
2.34
2.29
2.34
Ko
0.68
0.73
0.78
F
3.453.503.55
E
1.651.751.85
W
7.908.008.30
P2
1.95
2.00
2.05
Po
3.90
4.00
4.10
10Po
39.80
40.00
40.20
Do
1.50
1.55
1.60
T
0.185
0.200
0.215
P
3.904.004.10
User direction of feed
AM00745V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53