Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812ABJR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 12Page - STMicroelectronics STMPE812ABJR Datasheet HTML 13Page - STMicroelectronics STMPE812ABJR Datasheet HTML 14Page - STMicroelectronics STMPE812ABJR Datasheet HTML 15Page - STMicroelectronics STMPE812ABJR Datasheet HTML 16Page - STMicroelectronics STMPE812ABJR Datasheet HTML 17Page - STMicroelectronics STMPE812ABJR Datasheet HTML 18Page - STMicroelectronics STMPE812ABJR Datasheet HTML 19Page - STMicroelectronics STMPE812ABJR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Power modes
STMPE812A
16/53
Doc ID 18225 Rev 4
Figure 6.
Power modes state diagram
On power up reset, device goes to active state. However, as all the functional blocks are
clocked off by default, no touch/hotkey activity is possible. If there are no I2C activities,
device goes into auto-hibernate mode automatically.
The auto-hibernate feature of STMPE812A is always enabled. Whenever there is a period of
inactivity, the device enters this mode to reduce power consumption. On detection a touch,
correctly addressed I2C data, GPIO activity, the device wakes up immediately.
As the device is able to wake up very quickly, there is no loss of touch data.
AM04141V1
ACTIVE
AUTO -
HIBERNATE
I2C activity,
Touch, Hotkey
No activity
POR
Soft -Reset, Reset input
Reset Input
STMPE812A is in
active mode if PWM
is running
(about 33
μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53