Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLV3243EB Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics STLV3243EB Datasheet HTML 10Page - STMicroelectronics STLV3243EB Datasheet HTML 11Page - STMicroelectronics STLV3243EB Datasheet HTML 12Page - STMicroelectronics STLV3243EB Datasheet HTML 13Page - STMicroelectronics STLV3243EB Datasheet HTML 14Page - STMicroelectronics STLV3243EB Datasheet HTML 15Page - STMicroelectronics STLV3243EB Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STLV3243EB
14/16
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T18.4
0.882
Ao
2.6
2.8
0.102
0.110
Bo
4.1
4.3
0.161
0.169
Ko
1.1
1.3
0.043
0.051
Po
3.9
4.1
0.153
0.161
P
3.9
4.1
0.153
0.161
Tape & reel Flip-Chip28 mechanical data
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16