Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLV3243EB Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics STLV3243EB Datasheet HTML 10Page - STMicroelectronics STLV3243EB Datasheet HTML 11Page - STMicroelectronics STLV3243EB Datasheet HTML 12Page - STMicroelectronics STLV3243EB Datasheet HTML 13Page - STMicroelectronics STLV3243EB Datasheet HTML 14Page - STMicroelectronics STLV3243EB Datasheet HTML 15Page - STMicroelectronics STLV3243EB Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLV3243EB
Package mechanical data
13/16
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.83
0.95
32.7
37.4
A1
0.24
9.4
A2
0.65
25.6
b
0.25
0.300.35
9.8
11.8
13.8
D
3.97
4.17
156.3
164.2
D1
2.5
98.4
E
2.47
2.67
97.2
105.1
E1
2
78.7
e
0.45
0.55
17.7
21.7
f0.23
0.34
9.1
13.4
f1
0.800.91
31.5
31.8
Flip-Chip28 mechanical data
7385199/C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16