| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV822A Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LMV822A Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 32 page ![]() DocID022467 Rev 4 5/32 LMV82x, LMV82xA Absolute maximum ratings and operating conditions 32 Table 3. Operating conditions Symbol Parameter Value Unit Vcc Supply voltage 2.5 to 5.5 V Vicm Common mode input voltage range Vcc- - 0.2 to Vcc+ - 1 Toper Operating free air temperature range -40 to +125 °C |