Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3636 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Fiches technique(HTML) 2 Page - ams AG

  AS3636 Datasheet HTML 1Page - ams AG AS3636 Datasheet HTML 2Page - ams AG AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
2 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View)
Pin Description
Table 1. Pin Description for AS3636
Pin Number
Pin Name
Description
A1
VBAT
Power supply voltage input
A2
VBATINT
Fuse output and internal power supply input - make a short connection to
capacitor CVBAT
A3
VLED
Autofocus (AF) / Torch LED output
A4
IGBT_GATE
Drive signal output for IGBT Transistor
B1
INT
Interrupt output, open drain, active low
B2
TORCH
Torch signal input pin; internal pulldown resistor; connect to GND if not used
B3
IND
(Red) Indicator LED output - connect to GND if not used (set ILP=0)
B4
VOUTBOOST
DCDC Boost converter output - make a short connection to CVOUTBOOST
C1
STROBE
Strobe signal input pin to synchronize the flash pulse - usually connected to the
camera processor; internal pulldown resistor to GND
C2
DGND
Digital ground supply - connect directly to ground (GND)
C3
SGND
Analog signal ground - connect directly to ground (GND)
C4
SW_B
DCDC Boost converter switching node - connect to coil LBOOST
D1
SDA
serial data input for I
2C interface
D2
SCL
serial clock input for I
2C interface
D3
PGND
Power ground for Xenon and DCDC Boost - connect directly to ground (GND)
D4
SW_F
Xenon DCDC converter switching node - connect to transformer TCHARGE
 

  











 
  
  

 
! "






  
#$%
&


$ 
&
 




)
*
+
&
#$
&




&
$
&
+
&
#$




&
#$%




  !!  (2
3  3( 






AS3636
AS3636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42