| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3636 Fiches technique(PDF) 17 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3636 Fiches technique(HTML) 17 Page - ams AG |
|
17 / 42 page ![]() www.austriamicrosystems.com Revision 0.7 17 - 42 with additional features with photosensor AS3636 Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n Self Testing The AS3636 supports internal self testing to allow the verification of the device together with all its external compo- nents in a completed system. Self testing is initiated in active mode 11 by setting the register bit MST (see page 24) and it executes the flow described in Figure 15 12. After the INT signal is low, the test equipment can readout the fault register - for a properly working module, it will read 40h (only register bit READYF set). 11.For entering active mode see Figure 5, “AS3636 operating mode,” on page 10 (e.g. after charging) 12.A running self test can only be stopped by writing MST=0 and afterwards STDBY=0; the last step in the procedure is still exectued. |