| Moteur de recherche de fiches techniques de composants électroniques |
|
AS4C64M8D1 Fiches technique(PDF) 29 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D1 Fiches technique(HTML) 29 Page - Alliance Semiconductor Corporation |
|
29 / 64 page ![]() AS4C64M8D1 Confidential 28 Rev. 2.0 Oct. /2014 Figure 12. Read to Write Required CAS Latencies (CL=2) READ BST NOP WRITE NOP NOP Bank, Col n CL=2 Don’t Care Bank, Col o DI o tDQSS min DO n (or o)= Data Out from column n (or column o) Burst Length= 4 in the cases shown (applies for bursts of 8 as well; if burst length is 2, the BST command shown can be NOP) 1 subsequent element of Data Out appears in the programmed order following DO n Data in elements are applied following DI o in the programmed order DO n CK CK COMMAND ADDRESS DQS DQ DM |