Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4C64M8D1 Fiches technique(PDF) 21 Page - Alliance Semiconductor Corporation

No de pièce AS4C64M8D1
Description  Fully synchronous operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D1 Fiches technique(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D1 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
AS4C64M8D1
Confidential
20
Rev.
2.0
Oct. /2014
Consecutive Read Bursts Required CAS Latencies (CL=2.5)
DO
o
CK
CK
COMMAND
READ
NOP
READ
NOP
NOP
NOP
Bank,
Col n
ADDRESS
DQS
DQ
CL=2.5
Don’t Care
Bank,
Col o
DO n (or o)=Data Out from column n (or column o)
Burst Length=4 or 8 (if 4, the bursts are concatenated; if 8, the second burst interrupts the first)
3 subsequent elements of Data Out appear in the programmed order following DO n
3 (or 7) subsequent elements of Data Out appear in the programmed order following DO o
Read commands shown must be to the same device
DO
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64