Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I960 Fiches technique(PDF) 32 Page - Intel Corporation

No de pièce I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Fiches technique(HTML) 32 Page - Intel Corporation

Back Button I960 Datasheet HTML 28Page - Intel Corporation I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation I960 Datasheet HTML 32Page - Intel Corporation I960 Datasheet HTML 33Page - Intel Corporation I960 Datasheet HTML 34Page - Intel Corporation I960 Datasheet HTML 35Page - Intel Corporation I960 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
26
ADVANCE INFORMATION
Table 12. 352-Lead HL-PBGA Package — Signal Name Order (Sheet 4 of 4)
WAIT#
N3
WIDTH/HLTD0
AF5
WIDTH/HLTD1/RETRY
AE5
Signal
Ball #
XINT4#
P2
XINT5#
R3
XINT6#
R1
Signal
Ball #
XINT7#
R2
Signal
Ball #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70