Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I960 Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Fiches technique(HTML) 13 Page - Intel Corporation

Back Button I960 Datasheet HTML 9Page - Intel Corporation I960 Datasheet HTML 10Page - Intel Corporation I960 Datasheet HTML 11Page - Intel Corporation I960 Datasheet HTML 12Page - Intel Corporation I960 Datasheet HTML 13Page - Intel Corporation I960 Datasheet HTML 14Page - Intel Corporation I960 Datasheet HTML 15Page - Intel Corporation I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
7
Table 2. 80960Rx Instruction Set
Data Movement
Arithmetic
Logical
Bit, Bit Field and Byte
Load
Store
Move
Conditional Select
Load Address
Add
Subtract
Multiply
Divide
Remainder
Modulo
Shift
Extended Shift
Extended Multiply
Extended Divide
Add with Carry
Subtract with Carry
Conditional Add
Conditional Subtract
Rotate
And
Not And
And Not
Or
Exclusive Or
Not Or
Or Not
Nor
Exclusive Nor
Not
Nand
Set Bit
Clear Bit
Not Bit
Alter Bit
Scan For Bit
Span Over Bit
Extract
Modify
Scan Byte for Equal
Byte Swap
Comparison
Branch
Call/Return
Fault
Compare
Conditional Compare
Compare and
Increment
Compare and
Decrement
Test Condition Code
Check Bit
Unconditional Branch
Conditional Branch
Compare and Branch
Call
Call Extended
Call System
Return
Branch and Link
Conditional Fault
Synchronize Faults
Debug
Processor
Management
Atomic
Modify Trace Controls
Mark
Force Mark
Flush Local Registers
Modify Arithmetic
Controls
Modify Process
Controls
Halt
System Control
Cache Control
Interrupt Control
Atomic Add
Atomic Modify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70