Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS2148T Fiches technique(PDF) 5 Page - Dallas Semiconductor

No de pièce DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Fiches technique(HTML) 5 Page - Dallas Semiconductor

  DS2148T Datasheet HTML 1Page - Dallas Semiconductor DS2148T Datasheet HTML 2Page - Dallas Semiconductor DS2148T Datasheet HTML 3Page - Dallas Semiconductor DS2148T Datasheet HTML 4Page - Dallas Semiconductor DS2148T Datasheet HTML 5Page - Dallas Semiconductor DS2148T Datasheet HTML 6Page - Dallas Semiconductor DS2148T Datasheet HTML 7Page - Dallas Semiconductor DS2148T Datasheet HTML 8Page - Dallas Semiconductor DS2148T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
DS2148/Q48
5 of 75
2. LIST OF TABLES
Table 4-1 BUS INTERFACE SELECTION ................................................................................................ 9
Table 4-2a PIN ASSIGNMENT................................................................................................................. 10
Table 4-2b PIN DESCRIPTIONS (Sorted by Pin Name, DS2148T Pin Numbering) ............................... 11
Table 4-3a PIN ASSIGNMENT IN SERIAL PORT MODE..................................................................... 13
Table 4-3b PIN DESCRIPTIONS IN SERIAL PORT MODE (Sorted by Pin Name, DS2148T Pin
Numbering) .......................................................................................................................................... 14
Table 4-4a PIN ASSIGNMENT IN HARDWARE MODE....................................................................... 16
Table 4-4b PIN DESCRIPTIONS IN HARDWARE MODE (Sorted by Pin Name, DS2148T Pin
Numbering) .......................................................................................................................................... 16
Table 4-5 LOOPBACK CONTROL IN HARDWARE MODE ................................................................ 20
Table 4-6 TRANSMIT DATA CONTROL IN HARDWARE MODE ..................................................... 20
Table 4-7 RECEIVE SENSITIVITY SETTINGS...................................................................................... 20
Table 4-8 MONITOR GAIN SETTINGS .................................................................................................. 20
Table 4-9 INTERNAL RX TERMINATION SELECT............................................................................. 20
Table 4-10 MCLK SELECTION................................................................................................................ 20
Table 5-1 REGISTER MAP ....................................................................................................................... 23
Table 6-1 MCLK SELECTION.................................................................................................................. 29
Table 6-2 RECEIVE SENSITIVITY SETTINGS...................................................................................... 31
Table 6-3 BACK PLANE CLOCK SELECT............................................................................................. 32
Table 6-4 MONITOR GAIN SETTINGS .................................................................................................. 32
Table 6-5 INTERNAL RX TERMINATION SELECT............................................................................. 33
Table 7-1 RECEIVED ALARM CRITERIA ............................................................................................. 35
Table 7-2 RECEIVE LEVEL INDICATION............................................................................................. 38
Table 8-1 TRANSMIT CODE LENGTH................................................................................................... 40
Table 8-2 RECEIVE CODE LENGTH ...................................................................................................... 40
Table 8-3 DEFINITION OF RECEIVED ERRORS.................................................................................. 44
Table 8-4 FUNCTION OF ECRS BITS AND RNEG PIN........................................................................ 45
Table 9-1 LINE BUILD OUT SELECT FOR E1 IN REGISTER CCR4 (ETS = 0) ................................. 48
Table 9-2 LINE BUILD OUT SELECT FOR T1 IN REGISTER CCR4 (ETS = 1) ................................. 48
Table 9-3 TRANSFORMER SPECIFICATIONS FOR 5V OPERATION ............................................... 49
Table 10-1 DS21Q48 PIN ASSIGNMENT................................................................................................ 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75