Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS2148T Fiches technique(PDF) 21 Page - Dallas Semiconductor

No de pièce DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Fiches technique(HTML) 21 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 17Page - Dallas Semiconductor DS2148T Datasheet HTML 18Page - Dallas Semiconductor DS2148T Datasheet HTML 19Page - Dallas Semiconductor DS2148T Datasheet HTML 20Page - Dallas Semiconductor DS2148T Datasheet HTML 21Page - Dallas Semiconductor DS2148T Datasheet HTML 22Page - Dallas Semiconductor DS2148T Datasheet HTML 23Page - Dallas Semiconductor DS2148T Datasheet HTML 24Page - Dallas Semiconductor DS2148T Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
DS2148/Q48
21 of 75
PARALLEL PORT MODE PINOUT (BIS1 = 0, BIS0 = 1 or 0) Figure 4-1
SERIAL PORT MODE PINOUT (BIS1 = 1, BIS0 = 0) Figure 4-2
1 CS*
2 NA
3 NA
4 NA
5 SCLK
6 SDI
7 SDO
8 ICES
9 OCES
10 NA
11 NA
BIS1 33
BIS0 32
BPCLK 31
MCLK 30
HRST* 29
RRING 28
RTIP 27
TEST 26
RCL/LOTC 25
PBEO 24
INT* 23
DS2148
Serial Port
Operation
(Note: tie all NA pins low)
tie high
tie low
1 CS*
2 RD (DS)
3 WR* (R/W*)
4 ALE (AS)
5 NA
6 NA
7 A4
8 A3
9 A2
10 A1
11 A0
BIS1 33
BIS0 32
BPCLK 31
MCLK 30
HRST* 29
RRING 28
RTIP 27
TEST 26
RCL/LOTC 25
PBEO 24
INT* 23
DS2148
Parallel Port
Operation
(Note: tie all NA pins low)
tie low
tie low (MUX) or high (non-MUX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75