Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-13674 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce DEV-13674
Description  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 Fiches technique(HTML) 2 Page - SparkFun Electronics

  DEV-13674 Datasheet HTML 1Page - SparkFun Electronics DEV-13674 Datasheet HTML 2Page - SparkFun Electronics DEV-13674 Datasheet HTML 3Page - SparkFun Electronics DEV-13674 Datasheet HTML 4Page - SparkFun Electronics DEV-13674 Datasheet HTML 5Page - SparkFun Electronics DEV-13674 Datasheet HTML 6Page - SparkFun Electronics DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Photon Weather Shield Hookup SparkFun Wish List
The shield also has numerous optional ports on which other sensors can
be connected. Those optional devices will be discussed briefly in this
tutorial, but examples showing how to use those external peripherals will be
included in another tutorial, linked at the end of this one.
To follow along with this tutorial, you will need the following.
SparkFun Photon Weather Shield
DEV-13674
The SparkFun Photon Weather Shield is an easy-to-use add-on boar…
Particle Photon (Headers)
WRL-13774
Particle's IoT (Internet of Things) hardware development board, the P…
USB microB Cable - 6 Foot
CAB-10215
USB 2.0 type A to micro USB 5-pin. This is a new, smaller connector f…
Suggested Reading
The following are suggestions for other resources to read before getting
started with your Photon Weather Shield.
• If you have never worked with the Photon or the Core before, we
highly recommend visiting the getting started documentation
available on the Particle site.
• We have also written a Photon Development Guide that goes over
three different methods for developing code for the Photon.
Check out the Hookup Guides for each of the sensors located on the shield
for more information specific to that sensor.
Si7021 Humidity and Temperature Sensor
Hookup Guide
MAY 5 , 201 6
The Si7021 humidity and temperature sensor is an easy to use, digital, low-
cost sensor to aid you in all your environment sensing needs.
Page 2 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15