Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-13674 Fiches technique(PDF) 11 Page - SparkFun Electronics

No de pièce DEV-13674
Description  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 Fiches technique(HTML) 11 Page - SparkFun Electronics

Back Button DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics DEV-13674 Datasheet HTML 10Page - SparkFun Electronics DEV-13674 Datasheet HTML 11Page - SparkFun Electronics DEV-13674 Datasheet HTML 12Page - SparkFun Electronics DEV-13674 Datasheet HTML 13Page - SparkFun Electronics DEV-13674 Datasheet HTML 14Page - SparkFun Electronics DEV-13674 Datasheet HTML 15Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Throw in a stand, and you have yourself the makings for a very powerful
weather station.
Particle IDE
If this is your first time using a Particle Photon, there are some extra steps
you’ll need to complete before you can follow the example in this tutorial.
First-time users will need to create a free account build.particle.io. Once
your account is created, you’ll need to claim your Photon. Detailed
instructions on how to do this can be found on Particle’s website.
Once your account is created and your Photon is claimed, head back to
build.particle.io, and log in.
Collecting Weather Data
If you have not done so already, attach your Photon to the Weather Shield,
and apply power through the Micro USB jack on the Photon, plugging the
other end of the USB cable into your computer. If you opted for one of the
alternate power schemes mentioned in the Hardware Overview section,
power your Photon and shield accordingly.
Your Photon’s RGB LED should be breathing cyan to indicate that you are
connected to the Internet and are ready to upload code.
To see data from the Weather Shield, you need to upload a sketch to the
Photon. Luckily, there’s a library with an example sketch to get you started
collecting weather data. To get to the example, click on the libraries button
in the Particle IDE.
Page 11 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15