Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-13262 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce DEV-13262
Description  CAN-Bus Shield Hookup Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13262 Fiches technique(HTML) 2 Page - SparkFun Electronics

  DEV-13262 Datasheet HTML 1Page - SparkFun Electronics DEV-13262 Datasheet HTML 2Page - SparkFun Electronics DEV-13262 Datasheet HTML 3Page - SparkFun Electronics DEV-13262 Datasheet HTML 4Page - SparkFun Electronics DEV-13262 Datasheet HTML 5Page - SparkFun Electronics DEV-13262 Datasheet HTML 6Page - SparkFun Electronics DEV-13262 Datasheet HTML 7Page - SparkFun Electronics DEV-13262 Datasheet HTML 8Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CAN-Bus Shield Hookup Guide SparkFun Wish List
We also recommend you have access to the following materials.
MicroSD Card with Adapter - 8GB
COM-11609
This is an 8 gig microSD memory card. It's perfect for massive datalo…
GPS Receiver - EM-506 (48 Channel)
GPS-12751
The EM-506 GPS receiver from [USGlobalSat](http://www.usglobalsa…
Serial Enabled 16x2 LCD - Black on Green 5V
LCD-09393
This is the latest evolution of our serial LCD. Included on a single boa…
Arduino Stackable Header Kit - R3
PRT-11417
These headers are made to work with the Arduino Uno R3, Leonardo…
OBD-II to DB9 Cable
CAB-10087
Once you've hacked everything, why not go out in the garage and ha…
SparkFun RedBoard - Programmed with Arduino
DEV-12757
At SparkFun we use many Arduinos and we're always looking for the…
Suggested Reading
If you aren’t familiar with the following concepts, you may want to review
these tutorials before attempting to work with the CAN-Bus Shield.
• Installing Arduino Libraries
• Arduino Shields
• Through-hole Soldering
• MicroSD Shield
•GPS Shield
• Getting Started with OBD-II
Hardware Overview
There are several features to be aware of on the CAN-Bus Shield.
CAN-Bus Shield with features labeled.
1. DB9 Connector
The primary hardware feature on this shield is the DB9 connector. This
allows you to interface to OBD-II ports with a DB9 to OBD-II cable.
Page 2 of 8



Html Pages

1 2 3 4 5 6 7 8