Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-13262 Fiches technique(PDF) 6 Page - SparkFun Electronics

No de pièce DEV-13262
Description  CAN-Bus Shield Hookup Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13262 Fiches technique(HTML) 6 Page - SparkFun Electronics

  DEV-13262 Datasheet HTML 1Page - SparkFun Electronics DEV-13262 Datasheet HTML 2Page - SparkFun Electronics DEV-13262 Datasheet HTML 3Page - SparkFun Electronics DEV-13262 Datasheet HTML 4Page - SparkFun Electronics DEV-13262 Datasheet HTML 5Page - SparkFun Electronics DEV-13262 Datasheet HTML 6Page - SparkFun Electronics DEV-13262 Datasheet HTML 7Page - SparkFun Electronics DEV-13262 Datasheet HTML 8Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Once everything is inserted, your circuit should look similar to the following:
In this case, we show the circuit connected to a CAN simulator. However,
you could instead have your circuit connected to a DLC in a CAN-enabled
vehicle.
Here we see the circuit connected to Pete Dokter’s VW.
Arduino Code
Download the Library
There’s a really great library available for working with the CAN-Bus shield.
You will need to download this and install it in your Arduino IDE. You can
either search for it in the Arduino Library Manager or download the most
recent version from the GitHub repository.
DOWNLOAD CAN-BUS SHIELD LIBRARY
If you aren’t sure how to install the Arduino library, please take a look at our
tutorial here.
Example Sketches
There are several different example sketches included in the library, each
with different functionality.
1.SparkFun_CAN_Demo - This sketch allows you test the CAN
functionality of the board by itself.
2. SparkFun_ECU_Demo - This sketch runs all hardware on the shield
together, and logs CAN data and GPS data to the SD card, while outputting
data over the serial LCD. You will need to instally the TinyGPS library and
the SD library for this to work.
3.SparkFun_GPS_Demo- This sketch runs through using the GPS
module. You will need to instally the TinyGPS library for this to work.
4.SparkFun_Joystick_Demo - This quick sketch allows you to test the
functionality of the on board joystick.
5.SparkFun_SD_Demo - This sketch allows you to verify and test
functionality of the microSD socket on board. You will need to install the SD
library for this to work.
Page 6 of 8



Html Pages

1 2 3 4 5 6 7 8