| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86L02 Fiches technique(PDF) 34 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86L02 Fiches technique(HTML) 34 Page - Zilog, Inc. |
|
34 / 37 page ![]() Z86C02/E02/L02 Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers Zilog 34 P R E L I M I N A R Y DS96DZ80301 Z8 CONTROL REGISTERS (Continued) Figure 32. Interrupt Request Register (FAH: Read/Write) Figure 33. Interrupt Mask Register (FBH: Read/Write) Figure 34. Flag Register (FCH: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 IRQ0 = P32 Input ↓ IRQ1 = P33 Input ↓ IRQ2 = P31 Input ↓ IRQ3 = P32 Input ↑ IRQ4 = Reserved IRQ5 = T1 Reserved (Must be 0.) R250 IRQ D7 D6 D5 D4 D3 D2 D1 D0 Reserved (Must be 0.) 1 Enables IRQ5-IRQ0 (D = IRQ0) 1 Enables Interrupts 0 R251 IMR D7 D6 D5 D4 D3 D2 D1 D0 User Flag F1 User Flag F2 Half Carry Flag Decimal Adjust Flag Overflow Flag Sign Flag Zero Flag Carry Flag R252 Flags Figure 35. Register Pointer FDH: Read/Write) Figure 36. Stack Pointer (FFH: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Reserved (Must be 0.) Register Pointer R253 RP D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Lower Byte (SP - SP ) 0 7 R255 SPL |