Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L02 Fiches technique(PDF) 2 Page - Zilog, Inc.

No de pièce Z86L02
Description  Two On-Board Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L02 Fiches technique(HTML) 2 Page - Zilog, Inc.

  Z86L02 Datasheet HTML 1Page - Zilog, Inc. Z86L02 Datasheet HTML 2Page - Zilog, Inc. Z86L02 Datasheet HTML 3Page - Zilog, Inc. Z86L02 Datasheet HTML 4Page - Zilog, Inc. Z86L02 Datasheet HTML 5Page - Zilog, Inc. Z86L02 Datasheet HTML 6Page - Zilog, Inc. Z86L02 Datasheet HTML 7Page - Zilog, Inc. Z86L02 Datasheet HTML 8Page - Zilog, Inc. Z86L02 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Z86C02/E02/L02
Cost Effective, 512-Byte ROM CMOS Z8® Microcontrollers
Zilog
2
P R E L I M I N A R Y
DS96DZ80301
GENERAL DESCRIPTION (Continued)
cations. Additionally, two on-board comparators process
analog signals with a common reference voltage (Figure
1).
Note: All Signals with a preceding front slash, "/", are ac-
tive Low, e.g.: B//W (WORD is active Low); /B/W (BYTE is
active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Z86C02/E02/L02 Functional Block Diagram
Port 3
Counter/
Timer
Interrupt
Control
Two Analog
Comparators
Port 2
I/O
(Bit Programmable)
FLAG
Register
Pointer
General-Purpose
Register File
Machine
Timing & Inst.
Control
Program
Memory
Program
Counter
Vcc
GND
XTAL
Port 0
I/O
Input
ALU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37