| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F779IIH6 Fiches technique(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIH6 Fiches technique(HTML) 80 Page - STMicroelectronics |
|
80 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 80/255 DocID028294 Rev 4 71 104 B15 123 146 B15 D1 127 146 B15 PA12 I/O FT - TIM1_ETR, SPI2_SCK/I2S2_CK, UART4_TX, USART1_RTS, SAI2_FS_B, CAN1_TX, OTG_FS_DP, LCD_R5, EVENTOUT - 72 105 A15 124 147 A15 D2 128 147 A15 PA13(JT MS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - 73 106 F13 125 148 E11 C1 129 148 E11 VCAP_2 S - - - - 74 107 F12 126 149 F10 C2 130 149 F10 VSS S - - - - 75 108 G13 127 150 F11 B2 131 150 F11 VDD S - - - - - - E12 128 151 E12 F6 - 151 E12 PH13 I/O FT - TIM8_CH1N, UART4_TX, CAN1_TX, FMC_D21, LCD_G2, EVENTOUT - - - E13 129 152 E13 F7 - 152 E13 PH14 I/O FT - TIM8_CH2N, UART4_RX, CAN1_RX, FMC_D22, DCMI_D4, LCD_G3, EVENTOUT - - - D13 130 153 D13 E5 - 153 D13 PH15 I/O FT - TIM8_CH3N, FMC_D23, DCMI_D11, LCD_G4, EVENTOUT - - - E14 131 154 E14 E4 132 154 E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS, FMC_D24, DCMI_D13, LCD_G5, EVENTOUT - - - D14 132 155 D14 B3 133 155 D14 PI1 I/O FT - TIM8_BKIN2, SPI2_SCK/I2S2_CK, FMC_D25, DCMI_D8, LCD_G6, EVENTOUT - - - C14 133 156 C14 C3 - 156 C14 PI2 I/O FT - TIM8_CH4, SPI2_MISO, FMC_D26, DCMI_D9, LCD_G7, EVENTOUT - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |