| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F779IIH6 Fiches technique(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IIH6 Fiches technique(HTML) 70 Page - STMicroelectronics |
|
70 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 70/255 DocID028294 Rev 4 28 40 N4 50 53 N4 L9 50 53 N4 PA4 I/O TT a - SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, SPI6_NSS, OTG_HS_SOF, DCMI_HSYNC, LCD_VSYNC, EVENTOUT ADC1_IN4, ADC2_IN4, DAC_OUT1 29 41 P4 51 54 P4 P11 51 54 P4 PA5 I/O TT a - TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, SPI6_SCK, OTG_HS_ULPI_CK, LCD_R4, EVENTOUT ADC1_IN5, ADC2_IN5, DAC_OUT2 30 42 P3 52 55 P3 N10 52 55 P3 PA6 I/O FT - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, SPI6_MISO, TIM13_CH1, MDIOS_MDC, DCMI_PIXCLK, LCD_G2, EVENTOUT ADC1_IN6, ADC2_IN6 31 43 R3 53 56 R3 M9 53 56 R3 PA7 I/O FT - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SD, SPI6_MOSI, TIM14_CH1, ETH_MII_RX_DV/ETH_RM II_CRS_DV, FMC_SDNWE, EVENTOUT ADC1_IN7, ADC2_IN7 32 44 N5 54 57 N5 NC 54 57 N5 PC4 I/O FT - DFSDM1_CKIN2, I2S1_MCK, SPDIF_RX2, ETH_MII_RXD0/ETH_RMII _RXD0, FMC_SDNE0, EVENTOUT ADC1_IN14, ADC2_IN14 33 45 P5 55 58 P5 NC 55 58 P5 PC5 I/O FT - DFSDM1_DATIN2, SPDIF_RX3, ETH_MII_RXD1/ETH_RMII _RXD1, FMC_SDCKE0, EVENTOUT ADC1_IN15, ADC2_IN15 - - - - 59 L7 - - 59 L7 VDD S - - - - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |