Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F732ICT7 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32F732ICT7
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICT7 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32F732ICT7 Datasheet HTML 75Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 76Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 77Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 78Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 79Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 80Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 81Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 82Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
-
97
141
A4
169
E7
A4
A5
141 169
PE0
I/O
FT
-
TIM4_ETR, LPTIM1_ETR,
UART8_Rx, SAI2_MCK_A,
FMC_NBL0, EVENTOUT
-
-
98
142
A3
170
B9
A3
A4
142 170
PE1
I/O
FT
-
LPTIM1_IN2, UART8_Tx,
FMC_NBL1, EVENTOUT
-
63
99
-
D5
-
A8
D5
E6
-
-
VSS
S
-
-
-
-
-
-
143
C6
171
-
C6
E5
143 171
PDR_ON
S
-
-
-
-
64
100 144
C5
172
A9
C5
F5
144 172
VDD
S
-
-
-
-
-
-
-
D4
173
-
D4
-
-
173
PI4
I/O
FT
-
TIM8_BKIN, SAI2_MCK_A,
FMC_NBL2, EVENTOUT
-
-
-
-
C4
174
-
C4
-
-
174
PI5
I/O
FT
-
TIM8_CH1, SAI2_SCK_A,
FMC_NBL3, EVENTOUT
-
Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F732xx
STM32F733xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More