Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F732ICT7 Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F732ICT7
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICT7 Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F732ICT7 Datasheet HTML 61Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 62Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 63Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 64Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 65Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 66Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 67Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 68Page - STMicroelectronics STM32F732ICT7 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
-
39
60
P9
70
K5
P9
K7
60
70
PE9
I/O
FT
-
TIM1_CH1, UART7_RTS,
QUADSPI_BK2_IO2, FMC_D6,
EVENTOUT
-
-
-
61
M9
71
-
M9
H66171
VSS
S
-
-
-
-
-
-
62
N9
72
-
N9
G6
62
72
VDD
S
-
-
-
-
-
40
63
R9
73E4
R9
J763
73
PE10
I/O
FT
-
TIM1_CH2N, UART7_CTS,
QUADSPI_BK2_IO3, FMC_D7,
EVENTOUT
-
-
41
64
P10
74
G4
P10
H8
64
74
PE11
I/O
FT
-
TIM1_CH2, SPI4_NSS,
SAI2_SD_B, FMC_D8,
EVENTOUT
-
-
42
65
R10
75
H4
R10
J8
65
75
PE12
I/O
FT
-
TIM1_CH3N, SPI4_SCK,
SAI2_SCK_B, FMC_D9,
EVENTOUT
-
-
43
66
N11
76
J4
N11
K8
66
76
PE13
I/O
FT
-
TIM1_CH3, SPI4_MISO,
SAI2_FS_B, FMC_D10,
EVENTOUT
-
-
44
67
P11
77
K4
P11
L8
67
77
PE14
I/O
FT
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCK_B, FMC_D11,,
EVENTOUT
-
-
45
68
R11
78
F4
R11
M8
68
78
PE15
I/O
FT
-
TIM1_BKIN, FMC_D12,
EVENTOUT
-
Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F732xx
STM32F733xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More