Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IIK6 Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STM32F779IIK6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIK6 Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STM32F779IIK6 Datasheet HTML 76Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 77Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 78Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 79Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 80Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 81Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 82Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 83Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
80/255
DocID028294 Rev 4
71 104 B15 123 146 B15
D1
127 146 B15
PA12
I/O FT
-
TIM1_ETR,
SPI2_SCK/I2S2_CK,
UART4_TX,
USART1_RTS,
SAI2_FS_B, CAN1_TX,
OTG_FS_DP, LCD_R5,
EVENTOUT
-
72 105 A15 124 147 A15
D2
128 147 A15
PA13(JT
MS-
SWDIO)
I/O FT
-
JTMS-SWDIO, EVENTOUT
-
73 106 F13 125 148 E11
C1
129 148 E11
VCAP_2
S
-
-
-
-
74 107 F12 126 149 F10
C2
130 149 F10
VSS
S
-
-
-
-
75 108 G13 127 150 F11
B2
131 150 F11
VDD
S
-
-
-
-
-
-
E12 128 151 E12
F6
-
151 E12
PH13
I/O FT
-
TIM8_CH1N, UART4_TX,
CAN1_TX, FMC_D21,
LCD_G2, EVENTOUT
-
-
-
E13 129 152 E13
F7
-
152 E13
PH14
I/O FT
-
TIM8_CH2N, UART4_RX,
CAN1_RX, FMC_D22,
DCMI_D4, LCD_G3,
EVENTOUT
-
-
-
D13 130 153 D13
E5
-
153 D13
PH15
I/O FT
-
TIM8_CH3N, FMC_D23,
DCMI_D11, LCD_G4,
EVENTOUT
-
-
-
E14 131 154 E14
E4
132 154 E14
PI0
I/O FT
-
TIM5_CH4,
SPI2_NSS/I2S2_WS,
FMC_D24, DCMI_D13,
LCD_G5, EVENTOUT
-
-
-
D14 132 155 D14
B3
133 155 D14
PI1
I/O FT
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK,
FMC_D25, DCMI_D8,
LCD_G6, EVENTOUT
-
-
-
C14 133 156 C14
C3
-
156 C14
PI2
I/O FT
-
TIM8_CH4, SPI2_MISO,
FMC_D26, DCMI_D9,
LCD_G7, EVENTOUT
-
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More