Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F779IIK6 Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STM32F779IIK6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIK6 Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STM32F779IIK6 Datasheet HTML 62Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 63Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 64Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 65Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 66Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 67Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 68Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 69Page - STMicroelectronics STM32F779IIK6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 255 page
background image
Pinouts and pin description
STM32F777xx STM32F778Ax STM32F779xx
66/255
DocID028294 Rev 4
-
-
D3
11
11
E4
G10
11
11
E4
PI9
I/O FT
-
UART4_RX, CAN1_RX,
FMC_D30, LCD_VSYNC,
EVENTOUT
-
-
-
E3
12
12
D5
H10
12
12
D5
PI10
I/O FT
-
ETH_MII_RX_ER,
FMC_D31, LCD_HSYNC,
EVENTOUT
-
-
-
E4
13
13
F3
F11
13
13
F3
PI11
I/O FT
-
LCD_G6,
OTG_HS_ULPI_DIR,
EVENTOUT
WKUP6
-
-
F2
14
14
F2
F13
14
14
F2
VSS
S
-
-
-
-
-
-
F3
15
15
F4
F12
15
15
F4
VDD
S
-
-
-
-
-
10
E2
16
16
D2
G11
16
16
D2
PF0
I/O FT
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
-
11
H3
17
17
E2
G12
17
17
E2
PF1
I/O FT
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
-
12
H2
18
18
G2 G13
18
18
G2
PF2
I/O FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
-
19
E3
NC
-
19
E3
PI12
I/O FT
-
LCD_HSYNC, EVENTOUT
-
-
-
-
-
20
G3
NC
-
20
G3
PI13
I/O FT
-
LCD_VSYNC, EVENTOUT
-
-
-
-
-
21
H3
NC
-
21
H3
PI14
I/O FT
-
LCD_CLK, EVENTOUT
-
-
13
J2
19
22
H2
H11
19
22
H2
PF3
I/O FT
-
FMC_A3, EVENTOUT
ADC3_IN9
-
14
J3
20
23
J2
H12
20
23
J2
PF4
I/O FT
-
FMC_A4, EVENTOUT
ADC3_IN14
-
15
K3
21
24
K3
H13
21
24
K3
PF5
I/O FT
-
FMC_A5, EVENTOUT
ADC3_IN15
10
16
G2
22
25
H6
J13
22
25
H6
VSS
S
-
-
-
-
11
17
G3
23
26
H5
J12
23
26
H5
VDD
S
-
-
-
-
-
18
K2
24
27
K2
NC
24
27
K2
PF6
I/O FT
-
TIM10_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_IN4
Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F777xx
STM32F778Ax
STM32F779xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More