Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F732ICY6 Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce STM32F732ICY6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICY6 Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button STM32F732ICY6 Datasheet HTML 90Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 91Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 92Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 93Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 94Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 95Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 96Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 97Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 122 page
background image
Port G
PG11
-
-
--
--
-
-
-
-
SDMMC2_
D2
--
EVEN
TOUT
PG12
-
-
-
LPTIM1_IN
1
--
-
-
USART6_RT
S
--
SDMMC2
_D3
FMC_NE4
EVEN
TOUT
PG13 TRACED0
-
-
LPTIM1_O
UT
--
-
-
USART6_CT
S
--
-
FMC_A24
EVEN
TOUT
PG14 TRACED1
-
-
LPTIM1_ET
R
-
-
-
-
USART6_TX
QUADSPI_
BK2_IO3
--
FMC_A25
EVEN
TOUT
PG15
-
-
--
--
-
-
USART6_CT
S
--
-
FMC_SDN
CAS
EVEN
TOUT
Port H
PH0
-
--
-
-
--
-
-
-
-
-
-
EVEN
TOUT
PH1
-
--
-
-
--
-
-
-
-
-
-
EVEN
TOUT
PH2
-
-
-
LPTIM1_IN
2
--
-
-
-
QUADSPI_
BK2_IO0
SAI2_SCK_
B
-
FMC_SDC
KE0
EVEN
TOUT
PH3
-
--
-
-
--
-
-
QUADSPI_
BK2_IO1
SAI2_MCK
_B
-
FMC_SDN
E0
EVEN
TOUT
PH4
-
-
-
-
I2C2_SCL
-
-
-
-
-
OTG_HS_U
LPI_NXT
--
EVEN
TOUT
PH5
-
-
-
-
I2C2_SDA
SPI5_NSS
-
-
-
-
-
-
FMC_SDN
WE
EVEN
TOUT
PH6
-
-
-
-
I2C2_SMB
A
SPI5_SCK
-
-
-
TIM12_CH1
-
-
FMC_SDN
E1
EVEN
TOUT
PH7
-
-
-
-
I2C3_SCL
SPI5_MIS
O
--
-
-
-
-
FMC_SDC
KE1
EVEN
TOUT
Table 12. STM32F732xx and STM32F733xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More