Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F732ICY6 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce STM32F732ICY6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICY6 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button STM32F732ICY6 Datasheet HTML 74Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 75Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 76Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 77Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 78Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 79Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 80Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 81Page - STMicroelectronics STM32F732ICY6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
58
92
136
B6
164
D7
B6
C6
136 164
PB6
I/O
FT
-
TIM4_CH1, I2C1_SCL,
USART1_TX,
QUAD SPI_BK1_NCS,
FMC_SDNE1, EVENTOUT
-
59
93
137
B5
165
B8
B5
D6
137 165
PB7
I/O
FT
-
TIM4_CH2, I2C1_SDA,
USART1_RX, FMC_NL,
EVENTOUT
-
60
94
138
D6
166
A7
D6
D5
138 166
BOOT
I
B
-
-
VPP
61
95
139
A5
167
C8
A5
C5
139 167
PB8
I/O
FT
-
TIM4_CH3, TIM10_CH1,
I2C1_SCL, CAN1_RX,
SDMMC2_D4, SDMMC1_D4,
EVENTOUT
-
62
96
140
B4
168
D8
B4
B5
140 168
PB9
I/O
FT
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA, SPI2_NSS/I2S2_WS,
CAN1_TX, SDMMC2_D5,
SDMMC1_D5, EVENTOUT
-
Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F732xx
STM32F733xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More