Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F769NG Fiches technique(PDF) 98 Page - STMicroelectronics

No de pièce STM32F769NG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769NG Fiches technique(HTML) 98 Page - STMicroelectronics

Back Button STM32F769NG Datasheet HTML 94Page - STMicroelectronics STM32F769NG Datasheet HTML 95Page - STMicroelectronics STM32F769NG Datasheet HTML 96Page - STMicroelectronics STM32F769NG Datasheet HTML 97Page - STMicroelectronics STM32F769NG Datasheet HTML 98Page - STMicroelectronics STM32F769NG Datasheet HTML 99Page - STMicroelectronics STM32F769NG Datasheet HTML 100Page - STMicroelectronics STM32F769NG Datasheet HTML 101Page - STMicroelectronics STM32F769NG Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 255 page
background image
Port E
PE4
TRACED
1
--
-
-
SPI4_NS
S
SAI1_FS
_A
---
DFSDM1_
DATAIN3
-
FMC_A2
0
DCMI_D
4
LCD_B0
EVEN
TOUT
PE5
TRACED
2
--
TIM9_CH
1
-
SPI4_MI
SO
SAI1_SC
K_A
---
DFSDM1_
CKIN3
-
FMC_A2
1
DCMI_D
6
LCD_G0
EVEN
TOUT
PE6
TRACED
3
TIM1_B
KIN2
-
TIM9_CH
2
-
SPI4_M
OSI
SAI1_SD
_A
---
SAI2_MC
K_B
-
FMC_A2
2
DCMI_D
7
LCD_G1
EVEN
TOUT
PE7
-
TIM1_ET
R
--
-
-
DFSDM1
_DATAIN
2
-
UART7_
Rx
-
QUADSPI
_BK2_IO0
-
FMC_D4
-
-
EVEN
TOUT
PE8
-
TIM1_C
H1N
--
-
-
DFSDM1
_CKIN2
-
UART7_T
x
-
QUADSPI
_BK2_IO1
-
FMC_D5
-
-
EVEN
TOUT
PE9
-
TIM1_C
H1
--
-
-
DFSDM1
_CKOUT
-
UART7_
RTS
-
QUADSPI
_BK2_IO2
-
FMC_D6
-
-
EVEN
TOUT
PE10
-
TIM1_C
H2N
--
-
-
DFSDM1
_DATAIN
4
-
UART7_
CTS
-
QUADSPI
_BK2_IO3
-
FMC_D7
-
-
EVEN
TOUT
PE11
-
TIM1_C
H2
--
-
SPI4_NS
S
DFSDM1
_CKIN4
---
SAI2_SD_
B
-
FMC_D8
-
LCD_G3
EVEN
TOUT
PE12
-
TIM1_C
H3N
--
-
SPI4_SC
K
DFSDM1
_DATAIN
5
---
SAI2_SC
K_B
-
FMC_D9
-
LCD_B4
EVEN
TOUT
PE13
-
TIM1_C
H3
--
-
SPI4_MI
SO
DFSDM1
_CKIN5
---
SAI2_FS_
B
-
FMC_D1
0
-
LCD_DE
EVEN
TOUT
PE14
-
TIM1_C
H4
--
-
SPI4_M
OSI
-
---
SAI2_MC
K_B
-
FMC_D1
1
-
LCD_CL
K
EVEN
TOUT
PE15
-
TIM1_B
KIN
-
-
-
-
-
---
-
-
FMC_D1
2
-
LCD_R7
EVEN
TOUT
Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More