Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F769NG Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM32F769NG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769NG Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM32F769NG Datasheet HTML 72Page - STMicroelectronics STM32F769NG Datasheet HTML 73Page - STMicroelectronics STM32F769NG Datasheet HTML 74Page - STMicroelectronics STM32F769NG Datasheet HTML 75Page - STMicroelectronics STM32F769NG Datasheet HTML 76Page - STMicroelectronics STM32F769NG Datasheet HTML 77Page - STMicroelectronics STM32F769NG Datasheet HTML 78Page - STMicroelectronics STM32F769NG Datasheet HTML 79Page - STMicroelectronics STM32F769NG Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 255 page
background image
Pinouts and pin description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
76/255
DocID029041 Rev 4
55
77
P15
96
108 L15
M3
89
108 L15
PD8
I/O FT
-
DFSDM1_CKIN3,
USART3_TX, SPDIF_RX1,
FMC_D13, EVENTOUT
-
56
78
P14
97
109 L14
L3
90
109 L14
PD9
I/O FT
-
DFSDM1_DATIN3,
USART3_RX, FMC_D14,
EVENTOUT
-
57
79
N15
98
110 K15
M2
91
110 K15
PD10
I/O FT
-
DFSDM1_CKOUT,
USART3_CK, FMC_D15,
LCD_B3, EVENTOUT
-
58
80
N14
99
111 N10
K3
92
111 N10
PD11
I/O FT
-
I2C4_SMBA,
USART3_CTS,
QUADSPI_BK1_IO0,
SAI2_SD_A,
FMC_A16/FMC_CLE,
EVENTOUT
-
59
81
N13 100 112
M1
0
J4
93
112
M1
0
PD12
I/O FT
-
TIM4_CH1, LPTIM1_IN1,
I2C4_SCL, USART3_RTS,
QUADSPI_BK1_IO1,
SAI2_FS_A,
FMC_A17/FMC_ALE,
EVENTOUT
-
60
82 M15 101 113 M11
L2
94
113 M11
PD13
I/O FT
-
TIM4_CH2, LPTIM1_OUT,
I2C4_SDA,
QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
-
83
-
102 114 J10
M1
95
114 J10
VSS
S
-
-
-
-
84
J13 103 115 J11
-
96
115 J11
VDD
S
-
-
-
61
85 M14 104 116 L12
L1
97
116 L12
PD14
I/O FT
-
TIM4_CH3, UART8_CTS,
FMC_D0, EVENTOUT
-
62
86
L14 105 117 K13
K2
98
117 K13
PD15
I/O FT
-
TIM4_CH4, UART8_RTS,
FMC_D1, EVENTOUT
-
-
-
-
-
118 K12
-
-
-
-
PJ6
I/O FT
-
LCD_R7, EVENTOUT
-
-
-
-
-
119 J12
-
-
-
-
PJ7
I/O FT
-
LCD_G0, EVENTOUT
-
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More