Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L432KB Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STM32L432KB
Description  Batch acquisition mode
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L432KB Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STM32L432KB Datasheet HTML 22Page - STMicroelectronics STM32L432KB Datasheet HTML 23Page - STMicroelectronics STM32L432KB Datasheet HTML 24Page - STMicroelectronics STM32L432KB Datasheet HTML 25Page - STMicroelectronics STM32L432KB Datasheet HTML 26Page - STMicroelectronics STM32L432KB Datasheet HTML 27Page - STMicroelectronics STM32L432KB Datasheet HTML 28Page - STMicroelectronics STM32L432KB Datasheet HTML 29Page - STMicroelectronics STM32L432KB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 149 page
background image
Functional overview
STM32L432KB STM3L432KC
26/149
DocID028798 Rev 2
Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and
the low speed APB (APB1) domains. The maximum frequency of the AHB and the APB
domains is 80 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More