Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L432KB Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STM32L432KB
Description  Batch acquisition mode
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L432KB Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STM32L432KB Datasheet HTML 53Page - STMicroelectronics STM32L432KB Datasheet HTML 54Page - STMicroelectronics STM32L432KB Datasheet HTML 55Page - STMicroelectronics STM32L432KB Datasheet HTML 56Page - STMicroelectronics STM32L432KB Datasheet HTML 57Page - STMicroelectronics STM32L432KB Datasheet HTML 58Page - STMicroelectronics STM32L432KB Datasheet HTML 59Page - STMicroelectronics STM32L432KB Datasheet HTML 60Page - STMicroelectronics STM32L432KB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
DocID028798 Rev 2
57/149
STM32L432KB STM3L432KC
Memory mapping
57
APB1
0x4000 1000 - 0x4000 13FF
1 KB
TIM6
0x4000 0400- 0x4000 0FFF
3 KB
Reserved
0x4000 0000 - 0x4000 03FF
1 KB
TIM2
1. The gray color is used for reserved boundary addresses.
Table 16. STM32L432xx memory map and peripheral register boundary addresses
Bus
Boundary address
Size(bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More