| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F302XD Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302XD Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 168 page ![]() Functional overview STM32F302xD STM32F302xE 32/168 DocID026900 Rev 4 3.28 Development support 3.28.1 Serial wire JTAG debug port (SWJ-DP) The ARM SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug port that enables either a serial wire debug or a JTAG probe to be connected to the target. The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. 3.28.2 Embedded Trace Macrocell The ARM embedded trace macrocell (ETM™) provides a greater visibility of the instruction and data flow inside the CPU core by streaming compressed data at a very high rate from the STM32F302xD/E through a small number of ETM™ pins to an external hardware trace 3 TSC_G3_IO1 PC5 - 7 TSC_G7_IO1 PE2 TSC_G3_IO2 PB0 - TSC_G7_IO2 PE3 TSC_G3_IO3 PB1 - TSC_G7_IO3 PE4 TSC_G3_IO4 PB2 - TSC_G7_IO4 PE5 4 TSC_G4_IO1 PA9 - 8 TSC_G8_IO1 PD12 TSC_G4_IO2 PA10 - TSC_G8_IO2 PD13 TSC_G4_IO3 PA13 - TSC_G8_IO3 PD14 TSC_G4_IO4 PA14 - TSC_G8_IO4 PD15 Table 11. Number of capacitive sensing channels available on STM32F302xD/E devices Analog I/O group Number of capacitive sensing channels STM32F302VE/ZE STM32F302RE G1 3 3 G2 3 3 G3 3 3 G4 3 3 G5 3 3 G6 3 3 G7 3 0 G8 3 0 Number of capacitive sensing channels 24 18 Table 10. Capacitive sensing GPIOs available on STM32F302xD/E devices (continued) Group Capacitive sensing signal name Pin name - Group Capacitive sensing signal name Pin name |