| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F302XD Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302XD Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 168 page ![]() STM32F302xD STM32F302xE 2/168 DocID026900 Rev 4 – Three I2C Fast mode plus (1 Mbit/s) with 20 mA current sink, SMBus/PMBus, wakeup from STOP – Up to five USART/UARTs (ISO 7816 interface, LIN, IrDA, modem control) – Up to four SPIs, 4 to 16 programmable bit frames, two with multiplexed half/full duplex I2S interface – USB 2.0 full-speed interface with LPM support – Infrared transmitter • SWD, Cortex®-M4 with FPU ETM, JTAG • 96-bit unique ID Table 1. Device summary Reference Part number STM32F302xD STM32F302RD, STM32F302VD, STM32F302ZD. STM32F302xE STM32F302RE, STM32F302VE, STM32F302ZE. |