| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F101XF Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101XF Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 117 page ![]() DocID16553 Rev 5 29/117 STM32F101xF, STM32F101xG Pinouts and pin descriptions 88 - - PG3 I/O FT PG3 FSMC_A13 - 89 - - PG4 I/O FT PG4 FSMC_A14 - 90 - - PG5 I/O FT PG5 FSMC_A15 - 91 - - PG6 I/O FT PG6 FSMC_INT2 - 92 - - PG7 I/O FT PG7 FSMC_INT3 - 93 - - PG8 I/O FT PG8 - - 94 - - VSS_9 S- VSS_9 -- 95 - - VDD_9 S- VDD_9 -- 96 37 63 PC6 I/O FT PC6 - TIM3_CH1 97 38 64 PC7 I/O FT PC7 - TIM3_CH2 98 39 65 PC8 I/O FT PC8 - TIM3_CH3 99 40 66 PC9 I/O FT PC9 - TIM3_CH4 100 41 67 PA8 I/O FT PA8 USART1_CK / MCO - 101 42 68 PA9 I/O FT PA9 USART1_TX(8) - 102 43 69 PA10 I/O FT PA10 USART1_RX(8) - 103 44 70 PA11 I/O FT PA11 USART1_CTS - 104 45 71 PA12 I/O FT PA12 USART1_RTS - 105 46 72 PA13 I/O FT JTMS-SWDIO - PA13 106 - 73 Not connected 107 47 74 VSS_2 S- VSS_2 -- 108 48 75 VDD_2 S- VDD_2 -- 109 49 76 PA14 I/O FT JTCK- SWCLK -PA14 110 50 77 PA15 I/O FT JTDI SPI3_NSS TIM2_CH1_ETR/ PA15 /SPI1_NSS 111 51 78 PC10 I/O FT PC10 UART4_TX USART3_TX 112 52 79 PC11 I/O FT PC11 UART4_RX USART3_RX 113 53 80 PC12 I/O FT PC12 UART5_TX USART3_CK 114 - 81 PD0 I/O FT - FSMC_D2(9) - 115 - 82 PD1 I/O FT - FSMC_D3(9) - Table 5. STM32F101xF/STM32F101xG pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |